Part Number Hot Search : 
50000 WS3220A L1040 0150CT 2SC3884 0150CT CT100 TX0192A
Product Description
Full Text Search
 

To Download EP2600PD-40000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs ep2600pd-40.000m ep26 00 pd -40.000m series rohs compliant (pb-free) 3.3v 4 pad 5mm x 7mm ceramic smd lvcmos programmable oscillator frequency tolerance/stability 100ppm maximum operating temperature range -20c to +70c nominal frequency 40.000mhz pin 1 connection power down (disable output: logic low) duty cycle 50 10(%) electrical specifications nominal frequency 40.000mhz frequency tolerance/stability 100ppm maximum (inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range,supply voltage change, output load change, first year aging at 25c, shock, and vibration) aging at 25c 5ppm/year maximum operating temperature range -20c to +70c supply voltage 3.3vdc 0.3vdc input current 28ma maximum (unloaded) output voltage logic high (voh) vdd-0.4vdc minimum (ioh= -8ma) output voltage logic low (vol) 0.4vdc maximum (iol= +8ma) rise/fall time 4nsec maximum (measured at 20% to 80% of waveform) duty cycle 50 10(%) (measured at 50% of waveform) load drive capability 30pf maximum output logic type cmos pin 1 connection power down (disable output: logic low) tri-state input voltage (vih and vil) 70% of vdd minimum to enable output, 20% of vdd maximum to disable output, no connect to enable output. standby current 20a maximum (pin 1 = ground) disable current 16ma maximum (pin 1 = ground) absolute clock jitter 125psec maximum, 75psec typical one sigma clock period jitter 40psec maximum start up time 10msec maximum storage temperature range -55c to +125c environmental & mechanical specifications esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 1 of 5
ep2600pd-40.000m mechanical dimensions (all dimensions in millimeters) pin connection 1 power down (logic low) 2 ground/case ground 3 output 4 supply voltage line marking 1 ecliptek 2 40.000m 3 pxxyzz p=configuration designator xx=ecliptek manufacturing code y=last digit of the year zz=week of the year 2.88 1.81 2.0 (x4) 2.2 (x4) www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 2 of 5 1.60 0.20 5.00 0.15 7.00 0.15 marking orient a tion 3.68 0.15 1.4 0.1 1.4 0.2 2.20 0.15 5.08 0.15 1 2 3 4 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
ep2600pd-40.000m www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 3 of 5 output disable (logic lo w) output w a veform & timing dia gram v oh v ol 80% of w a v ef or m 50% of w a v ef or m 20% of w a v ef or m f all time rise time t w t duty cycle (%) = t w /t x 100 v ih v il t plz t pzl clock output po wer do wn input supply v oltage (v dd ) t est cir cuit f or cmos output output no connect or t r i-state ground + + + _ _ _ p o w er supply 0.01 f (note 1) 0.1 f (note 1) c l (note 3) note 1: an e xter nal 0.1 f lo w frequency tantalum b ypass capacitor in par allel with a 0.01 f high frequency cer amic b ypass capacitor close to the pac kage g round and v dd pin is required. note 2: a lo w capacitance (<12pf), 10x atten uation f actor , high impedance (>10mohms), and high bandwidth (>300mhz) passiv e probe is recommended. note 3: capacitance v alue c l includes sum of all probe and fixture capacitance . v oltage meter current meter oscilloscope f requency counter probe (note 2)
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods ep2600pd-40.000m high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 additional notes temperatures shown are applied to body of device. www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 4 of 5
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods ep2600pd-40.000m low temperature infrared/convection 240c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 60 - 120 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 240c maximum target peak temperature (tp target) 240c maximum 1 time / 230c maximum 2 times time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 additional notes temperatures shown are applied to body of device. low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. (temperatures shown are applied to body of device.) high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. (temperatures shown are applied to body of device.) www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 5 of 5


▲Up To Search▲   

 
Price & Availability of EP2600PD-40000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X